PART |
Description |
Maker |
9CR1212P0G03 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9WF1224H101 |
AC Fan 120 9AD type
|
List of Unclassifed Man...
|
9BFB24P2H003 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
535079-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 120 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
OA109AP-11-1TBIP55 |
AC Fan - 115V,230V 120 x 38mm (4.7”x1.5?
|
ORION FANS
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
TC649BEUATR TC646B TC646BEOA713 TC646BEOATR TC646B |
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|